Part Number Hot Search : 
EPA030B 4HCT57 BPC1010 N8253 TM400DZ HL6553 BSP171 TFS140X
Product Description
Full Text Search
 

To Download LSML-321611-R10K-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Multilayer Chip Inductor
Dimensions
(LSML-321611 Series)
C A L IB E R
E L E C T R O N IC S IN C . specifications subject to change * revision 3-2003
0.5 0.3 3.2 0.20 1.10 0.20
0.5 0.3
(Not to scale)
1.60 0.20
Dimensions in mm
Part Numbering Guide
LSML - 321611 - 47N M - T
Dimensions
(Length, Width, Height)
Packaging Style
B=Bulk T=Tape & Reel (3000 pcs per reel)
Inductance Code
Tolerance
K=10%, M=20%
Features
Inductance Range Tolerance Operating Temperature 0.047 H to 33 H 10%, 20% -25C to +85C
Electrical Specifications
Inductance Code
47N 68N R10 R12 R15 R18 R22 R27 R33 R39 R47 R56 R68 R82 1R0 1R2 1R5 1R8 2R2 2R7 3R3 3R9 4R7 5R6 6R8 8R2 100 120 150 180 220 270 330
Inductance (H)
0.047 0.068 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33
Available Tolerance
M M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M K, M
Q Min
40 40 50 50 50 50 50 50 50 50 50 50 50 50 40 40 40 40 40 40 40 40 40 45 45 45 45 45 35 35 35 35 35
LQ Test Freq (MHz)
50 50 25 25 25 25 25 25 25 25 25 25 25 25 10 10 10 10 10 10 10 10 10 4 4 4 2 2 1 1 1 1 0.4
SRF Min (MHz)
320 280 235 220 200 185 170 150 145 135 125 115 105 100 110 100 90 80 70 70 60 55 50 32 29 26 24 22 19 18 16 14 13
DCR Max (Ohms)
0.15 0.25 0.25 0.30 0.30 0.40 0.40 0.50 0.60 0.50 0.60 0.70 0.80 0.90 0.40 0.50 0.50 0.50 0.60 0.60 0.70 0.80 0.90 0.70 0.80 0.90 1.00 1.05 0.70 0.70 0.90 0.90 1.05
IDC Max (mA)
300 300 250 250 250 250 250 250 250 200 200 150 150 150 100 100 80 70 60 60 60 50 50 25 25 25 25 15 5 5 5 5 5
Rev. 10/00
Specifications subject to change without notice.
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com


▲Up To Search▲   

 
Price & Availability of LSML-321611-R10K-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X